Part Number Hot Search : 
01460 20KW144A 39421 IR1167BS 80710 YM72V 01460 APU3037M
Product Description
Full Text Search
 

To Download FCS-0020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p/t ip network camera FCS-0020 h/w version: 1 product overview the FCS-0020 network camera is a user-friendly and motorized pan/tilt network camera. whether for home, or business surveillance, or for entertainment and fun, this network camera provides all the features needed for an afordable and easy to use ip surveillance camera. motorized pan/tilt with multiple video and bi- directional audio the FCS-0020 features a micro stepping motor for precision pan and tilt control from a local console or remotely via the internet. with enhanced mpeg-4 and motion-jpeg video compression, users can enjoy high quality imagery that requires minimum bandwidth. the camera also supports bi-directional audio communication. motion detection & e-mail alerts users can defne 4 motion-detection regions, each with adjustable size and sensitivity. when motion is detected the system sends an automated e-mail alert or sends captured images via ftp upload to a designated storage server. bundled levelone ip camsecure lite and windows the FCS-0020 pan/tilt network camera is bundled with levelone ip camsecure lite. it is an easy to use surveillance management tool that allows users to monitor the camera locally over the lan or remotely over the internet. key features - triple streaming for mpeg4, motion-jpeg and mobile device simultaneously - features a built-in microphone and external audio in/out jacks - supports up to 25/30 frames per second in full vga resolution - features motion detection and event-notifcation via e-mail - supports a variety of browsers for live viewing: ie, firefox, safari, mozilla, netscape - remote viewing over the internet or via 3g mobile phone - bundled with levelone ip camsecure lite 32-ch surveillance management software fcs-9464 ip camsecure pro64 mega works well with 1. built-in microphone 2. power 3. speaker 4. microphone in 5. network 6. reset 1 fcs-7011 1-port poe video server 2 3 4 5 6 
network camera www.level1.com i one world_one brand_one level_ technical specifcation network 1 x rj-45 10/100 mbps port video compression mode mpeg4/mjpeg max. resolution 640x480 pixels frame rate 160x120: 30fps/25fps 320x240: 30fps/25fps 640x480: 30fps/25fps 3gpp 160x120@15fs, mpeg-4 for mobile phone viewing still picture jpeg video record avi camera sensor cmos, 1/4 vga resolution lens 4.57mm/f2.0 fixed focus efective range: 0.5m to 5m view angle 55 minimum illumination 1 lux agc/awb/aes audio audio in/out built-in microphone external microphone input jack external speaker output jack audio codec g.726/g.711 s/n ratio >58db ptz pan 126 (left 63 ~ right 63) tilt 64 digital zoom 4x digital zoom hardware & environment flash rom 4mb flash rom sdram 32mb sdram housing indoor power dc5v/2a environmental conditions operating temperature: 0c ~ 40c operating humidity: 10% ~ 80% storage temperature: 0c ~ 40c storage humidity: 10% ~ 80% dimension 113.5mm (h) x 52.1mm (w) x 80mm (d) weight 263g without stand 367.5g with stand supported protocols ipv4, tcp/ip, smtp, http, dhcp, ntp, rtsp/rtp, upnp software bundled with 32-channel levelone ip camsecure lite surveillance management software viewing system requirement os microsoft windows 2000/xp/vista browser for mpeg4 video: internet explorer in windows for mjpeg video: internet explorer in mac, firefox, safari, mozilla, netscape 3gpp player real player 10.5 or above quick time 6.5 or above emi and safety fcc, ce product diagram FCS-0020 switch broadband router internet local console remote console 
order information FCS-0020: p/t ip network camera package contents FCS-0020 power adapter camera stand cd manual/utility quick installation guide all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright 2008 digital data communications gmbh. all rights reserved. v1.0 


▲Up To Search▲   

 
Price & Availability of FCS-0020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X